Part Number Hot Search : 
1N6263 MC10H642 LVCH16 1001S SF2N5575 RB751 TC5514 CSMC550
Product Description
Full Text Search
 

To Download 1N581707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5817 ... 1N5819
1N5817 ... 1N5819
Schottky Barrier Rectifiers Schottky-Barrier-Gleichrichter Version 2006-04-19 Nominal current Nennstrom
O3
0.05
1A 20...40 V DO-15 DO-204AC 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
62.50.5
Type
6.30.1
O 0.8
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ 1N5817 1N5818 1N5819 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 TA = 75C f > 15 Hz TA = 25C TA = 25C
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] 1) < 0.75 < 0.875 < 0.90 IFAV IFRM IFSM i2t 1 A2) 10 A 2) 40 A 8 A2s -50...+150C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1 2
IF = 3 A,Tj = 25C Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
1N5817 ... 1N5819 Characteristics Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C VR = VRRM Tj = 100C VR = VRRM IR IR RthA RthL Kennwerte < 1 mA < 10 mA < 45 K/W 1) < 15 K/W
120 [%] 100
102 [A] 10
80 1
1N5817 1N5818
60
40 10 20 IFAV 0 0 TA 50 100 150 [C]
1
1N5819
-1
IF 10-2
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of 1N581707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X